PART |
Description |
Maker |
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BFG67_XR BFG67 BFG67_X BFG67X BFG67XR BFG67/XR BFG |
NPN 8 GHz wideband transistors NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
UPA804TC UPA804 UPA804TC-T1 PA804TC |
NPN Epitaxial Transisitor(NPN澶?欢?朵?绠? NPN Epitaxial Transisitor(NPN外延晶体 NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
|
NEC Corp. NEC[NEC]
|
BP103 Q62702-P79-S4 BP103-2 BP103-3 BP103-4 BP103- |
From old datasheet system NPN-Silizium-Fototransistor Silicon NPN Phototransistor PHOTO TRANSISTOR DETECTOR NPN-Silizium-Fototransistor Silicon NPN Phototransistor Silizium - Fototransistor硅npn型光电晶体管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|